PART |
Description |
Maker |
MAX9202 MAX9202ESD MAX9202EUD MAX9201ESE MAX9203ES |
Low-Cost, 7ns, Low-Power Voltage Comparators COMPARATOR, 7500 uV OFFSET-MAX, 7 ns RESPONSE TIME, PDSO8 Low-Cost, 7ns, Low-Power Voltage Comparators 低成本7ns、低功耗电压比较器 Low-Cost 7ns Low-Power Voltage Comparators
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX6106 MAX6102 MAX6104 MAX6107 MAX6103 MAX6100-MA |
Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.8 V, PDSO3 (MAX6100 - MAX6107) Low-Cost / Micropower / Low-Dropout / High-Output-Current / SOT23 Voltage References "Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References" From old datasheet system
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
5962R9308902HXA 5962-9308902HXC 5962L9308902HXA 59 |
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps DC-to-DC Voltage Converter 型DC - DC电压转换
|
EPCOS AG
|
AD621 AD621ARZ-R7 AD621AR-REEL AD621AR-REEL7 AD621 |
-18V; 650mW; low drift, low power instrumentation amplifier. For weigh scales, transduver interface and data acquisition systems Low Drift, Low Power Instrumentation Amp with fixed gains of 10 and 100 INSTRUMENTATION AMPLIFIER, 185 uV OFFSET-MAX, 0.2 MHz BAND WIDTH, PDSO8 Low Cost,Low Power Instrumention Amplifier
|
Analog Devices, Inc.
|
MAX6125 MAX6160EUS-T |
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor
|
LT1097S8TRPBF |
Low Cost, Low Power Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 130 uV OFFSET-MAX, 0.7 MHz BAND WIDTH, PDSO8 Low Cost, Low Power Precision Op Amp(浣?环锛?????绮惧?杩???惧ぇ?ī
|
Linear Technology, Corp. Linear Technology Corporation
|
AMS1508 AMS1508CM AMS1508CM-15 AMS1508CM-25 AMS150 |
2.85V 8A low dropout voltage regulator 1.5V 8A low dropout voltage regulator 3.0V 8A low dropout voltage regulator 2.5V 8A low dropout voltage regulator Dual 2-to-4 Line Decoder/Demultiplexer 16-SOIC -55 to 125 8A LOW DROPOUT VOLTAGE REGULATOR 8A条低压差稳压
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
G936T83T G936 G936T21B G936T21T G936T22B G936T22T |
3.6 V, 500 mA low dropout regulator 3.6V 500mA/400mA Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
GMT[Global Mixed-mode Technology Inc] Global Mixed-mode Technology Inc.
|
LP2950ACDT-3.0RK LP2950ACZ-3.0RA LP2950CDT-3.0RK L |
100mA, 3V, Low Power Low Dropout Voltage Regulator 100mA, 3.3V or Adjustable, Low Power Low Dropout Voltage Regulator with Error Flag Output
|
ON Semiconductor
|
MAX6160 MAX6160ESA MAX6160EUS MAX6141 MAX6141ESA M |
SOT23 / Low-Cost / Low-Dropout / 3-Terminal Voltage References SOT23, Low-Cost, Low-Dropout,3-Terminal Voltage References SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
AD73311LAR AD73311LARU EVAL-AD73311LEB AD73311LARS |
Low Cost/ Low Power CMOS General Purpose Analog Front End Low Cost, Low Power CMOS General Purpose Analog Front End Single-Channel, 3 V Front-End Processor for General Purpose Applications Including Speech and Telephony; Package: SSOP; No of Pins: 20; Temperature Range: Industrial SPECIALTY TELECOM CIRCUIT, PDSO20
|
Analog Devices, Inc.
|